Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8473D Datasheet (PDF) - Agilent(Hewlett-Packard)

8473D Datasheet PDF - Agilent(Hewlett-Packard)
Part # 8473D
Download  8473D Download
File Size   118.85 Kbytes
Page   2 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Planar-Doped Barrier Detector 0.01 to 33.0 GHz

8473D Datasheet (PDF)

Go To PDF Page Download Datasheet
8473D Datasheet PDF - Agilent(Hewlett-Packard)

Part # 8473D
Download  8473D Click to download

File Size   118.85 Kbytes
Page   2 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Planar-Doped Barrier Detector 0.01 to 33.0 GHz

8473D Datasheet (HTML) - Agilent(Hewlett-Packard)




Similar Part No. - 8473D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8473 VECTRON-8473 Datasheet
458Kb / 4P
Oven Controlled Crystal Oscillators
logo
List of Unclassifed Man...
8473 ETC2-8473 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Belden Inc.
8473 BELDEN-8473 Datasheet
175Kb / 2P
Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
logo
Keystone Electronics Co...
8473 KEYSTONE-8473 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
8473 KEYSTONE-8473 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
More results


Similar Description - 8473D

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1001-BD MIMIX-XU1001-BD Datasheet
291Kb / 8P
33.0-40.0 GHz GaAs MMIC Transmitter
logo
HBH Microwave GmbH
HA8001 HBH-HA8001 Datasheet
20Kb / 1P
33.0 - 35.0 GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC-C054 HITTITE-HMC-C054 Datasheet
904Kb / 6P
RMS POWER DETECTOR 70 dB, 0.01 - 2 GHz
logo
Toshiba Semiconductor
TIM1414-2-252 TOSHIBA-TIM1414-2-252 Datasheet
251Kb / 4P
HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz
logo
Teledyne Technologies I...
DAC4101 TELEDYNE-DAC4101 Datasheet
259Kb / 2P
0.01 TO 4.0 GHz ANALOG DETECTOR
DAC4103 TELEDYNE-DAC4103 Datasheet
258Kb / 2P
0.01 TO 4.0 GHz ANALOG DETECTOR
DTC4001 TELEDYNE-DTC4001 Datasheet
364Kb / 2P
0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTC6002 TELEDYNE-DTC6002 Datasheet
269Kb / 2P
0.01 TO 6.0 GHz THRESHOLD DETECTOR
DTCH4003 TELEDYNE-DTCH4003 Datasheet
143Kb / 1P
0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTCP18001 TELEDYNE-DTCP18001 Datasheet
281Kb / 2P
0.01 TO 18.0 GHz ULTRA BROADBAND HIGH FREQUENCY THRESHOLD DETECTOR
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com