Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11974V Datasheet (PDF) - Agilent(Hewlett-Packard)

11974V Datasheet PDF - Agilent(Hewlett-Packard)
Part # 11974V
Download  11974V Download
File Size   249.32 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Preselected Millimeter Mixers RF Sections Available in Four Bands from 26.5 to 75 GHz

11974V Datasheet (PDF)

Go To PDF Page Download Datasheet
11974V Datasheet PDF - Agilent(Hewlett-Packard)

Part # 11974V
Download  11974V Click to download

File Size   249.32 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Preselected Millimeter Mixers RF Sections Available in Four Bands from 26.5 to 75 GHz

11974V Datasheet (HTML) - Agilent(Hewlett-Packard)




Similar Part No. - 11974V

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
11974 BELDEN-11974 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results


Similar Description - 11974V

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6823 PASTERNACK-PE6823 Datasheet
207Kb / 2P
75 Watts WR-75 RF Load Up To 15 GHz
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
100 Watts WR-42 RF Load Up To 26.5 GHz
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE12D1005 PASTERNACK-PE12D1005 Datasheet
693Kb / 4P
Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com