Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1356 Datasheet (PDF) - Toshiba Semiconductor

2SA1356 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1356
Download  2SA1356 Download
File Size   154.96 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)

2SA1356 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1356 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1356
Download  2SA1356 Click to download

File Size   154.96 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)

2SA1356 Datasheet (HTML) - Toshiba Semiconductor


2SA1356 Product details

Audio Power Amplifier Applications

• Low saturation voltage: VCE (sat) = −0.32 V (typ.)
                                         (IC = −500 mA, IB = −50 mA)
• High collector power dissipation: PC = 1.2 W (Ta = 25°C)
• Complementary to 2SC3419




Similar Part No. - 2SA1356

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1356 TOSHIBA-2SA1356 Datasheet
136Kb / 4P
Audio Power Amplifier Applications
2SA1356 TOSHIBA-2SA1356_06 Datasheet
136Kb / 4P
Audio Power Amplifier Applications
More results


Similar Description - 2SA1356

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1426 TOSHIBA-2SA1426 Datasheet
151Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SA1621 TOSHIBA-2SA1621 Datasheet
140Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SA950 TOSHIBA-2SA950 Datasheet
136Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SA966 TOSHIBA-2SA966 Datasheet
153Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SB1015A TOSHIBA-2SB1015A Datasheet
148Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SB1642 TOSHIBA-2SB1642 Datasheet
145Kb / 2P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SB1667 TOSHIBA-2SB1667 Datasheet
123Kb / 3P
TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SC2120 TOSHIBA-2SC2120 Datasheet
135Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SC2236 TOSHIBA-2SC2236 Datasheet
151Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SC2703 TOSHIBA-2SC2703 Datasheet
148Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com