Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1382 Datasheet (PDF) - Toshiba Semiconductor

2SA1382 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1382
Download  2SA1382 Download
File Size   208.13 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS

2SA1382 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1382 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1382
Download  2SA1382 Click to download

File Size   208.13 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS

2SA1382 Datasheet (HTML) - Toshiba Semiconductor


2SA1382 Product details

Power Amplifier Applications
High-Speed Switching Applications

• High DC current gain: hFE = 150 to 400 (IC = −0.5 A)
• Low collector saturation voltage: VCE (sat) = −0.5 V (max) (IC = −1 A)
• High-speed switching: tstg = 1.0 μs (typ.)




Similar Part No. - 2SA1382

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1382 TOSHIBA-2SA1382 Datasheet
176Kb / 5P
Power Amplifier Applications High-Speed Switching Applications
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
Power Amplifier Applications High-Speed Switching Applications
More results


Similar Description - 2SA1382

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1296 TOSHIBA-2SA1296 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1428 TOSHIBA-2SA1428 Datasheet
196Kb / 3P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1483 TOSHIBA-2SA1483 Datasheet
173Kb / 3P
TRANSISTOR (HIGH FREQUENCY AMPLIFIER, VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS)
2SB1018A TOSHIBA-2SB1018A Datasheet
199Kb / 4P
TRANSISTOR (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SA1483 TOSHIBA-2SA1483_07 Datasheet
165Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed SwitcHing Applications
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
Power Amplifier Applications High-Speed Switching Applications
2SC3803 TOSHIBA-2SC3803_04 Datasheet
153Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
High-Speed Switching Applications Power Amplifier Applications
2SC3803-R TOSHIBA-2SC3803-R Datasheet
167Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC503 TOSHIBA-2SC503 Datasheet
464Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com