Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1386 Datasheet (PDF) - Allegro MicroSystems

A1386 Datasheet PDF - Allegro MicroSystems
Part # A1386
Download  A1386 Download
File Size   420.12 Kbytes
Page   19 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options

A1386 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1386 Datasheet PDF - Allegro MicroSystems

Part # A1386
Download  A1386 Click to download

File Size   420.12 Kbytes
Page   19 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options

A1386 Datasheet (HTML) - Allegro MicroSystems


A1386 Product details

Description
The Allegro® A1386 programmable, linear, Hall effect sensor IC is designed for low power, high accuracy, and small package size applications. The accuracy of this device is enhanced via programmability on the output pin for end-of-line optimization without the added complexity and cost of a fully programmable device.
The A1386 has two operating modes, normal and low power. In normal operation mode the A1386 operates much like its predecessors, the A1381, A1382, A1383, and A1384, as a highly accurate, user-programmable linear sensor IC with a ratiometric output. In low power mode, the device actually disengages some internal components in order to reduce power consumption. Although the accuracy of the device is substantially reduced during low power operation, it remains effective as a detector of magnetic regions (such as north and south poles on a rotating ring magnet). This unique feature allows the device to be used in systems that are put to sleep, during which time there may be only 3 V available, or in applications that have start-up conditions where the available supply voltage may drop below 4.5 V for a period of time.

Features and Benefits
• Low power consumption using 3 V supply
• Factory programmed sensitivity temperature coefficient
   (0.13%/°C nominal)
• Programmability at end-of-line
• Ratiometric sensitivity, quiescent voltage output, and
   clamps for interfacing with application DAC
• Temperature-stable quiescent voltage output and sensitivity
• Precise recoverability after temperature cycling
• Output voltage clamps provide short circuit diagnostic capabilities
• Wide ambient temperature range: –40°C to 150°C
• Resistant to mechanical stress
• Miniature package options




Similar Part No. - A1386

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
Programmable Linear Hall Effect Sensor ICs with Analog Output
A1381ELHLT-T ALLEGRO-A1381ELHLT-T Datasheet
404Kb / 18P
Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUA-T ALLEGRO-A1381EUA-T Datasheet
404Kb / 18P
Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUATI-T ALLEGRO-A1381EUATI-T Datasheet
404Kb / 18P
Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
More results


Similar Description - A1386

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
Programmable Linear Hall Effect Sensor
logo
Siemens Semiconductor G...
TLE4910G SIEMENS-TLE4910G Datasheet
290Kb / 11P
HALL-EFFECT IC WITH ANALOG OUTPUT
logo
Micronas
HAL855 MICRONAS-HAL855 Datasheet
2Mb / 42P
Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
Programmable Linear Hall Effect Sensor ICs with Analog Output
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
A1340 ALLEGRO-A1340 Datasheet
1Mb / 42P
High Precision Programmable Linear Hall Effect Sensor IC with EEPROM, Analog Output, and Advanced Output Linearization
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
Linear Hall-Effect Sensor ICs with Analog Output
logo
Melexis Microelectronic...
MLX90288 MELEXIS-MLX90288 Datasheet
308Kb / 19P
SMD Programmable Linear Hall Sensor IC Featuring Analog Ratiometric Output
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
Highly Programmable Linear Hall-Effect Sensor IC
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com