Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4402 Datasheet (PDF) - Allegro MicroSystems

A4402 Datasheet PDF - Allegro MicroSystems
Part # A4402
Download  A4402 Download
File Size   378.98 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Constant On-Time Buck Converter with Integrated Linear Regulator

A4402 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4402 Datasheet PDF - Allegro MicroSystems

Part # A4402
Download  A4402 Click to download

File Size   378.98 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Constant On-Time Buck Converter with Integrated Linear Regulator

A4402 Datasheet (HTML) - Allegro MicroSystems


A4402 Product details

Features and Benefits
▪ 2 MHz switching frequency
▪ Adjustable soft start timer
▪ Watchdog input
▪ Power-on reset output
▪ Adjustable 2% buck regulator
▪ Adjustable 2% linear regulator
▪ Enable input
▪ 6 to 50 V supply voltage range
▪ Overcurrent protection
▪ Undervoltage lockout (UVLO)
▪ Thermal shutdown protection




Similar Part No. - A4402

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
Constant On-Time Buck Converter with Integrated Linear Regulator
A4402ELPTR-T ALLEGRO-A4402ELPTR-T Datasheet
378Kb / 15P
Constant On-Time Buck Converter with Integrated Linear Regulator
A4402KLPTR-T ALLEGRO-A4402KLPTR-T Datasheet
326Kb / 17P
Constant On-Time Buck Converter With Integrated Linear Regulator
A4402 ALLEGRO-A4402_1 Datasheet
378Kb / 15P
Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 ALLEGRO-A4402_12 Datasheet
328Kb / 17P
The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)?봢ach with adjustable output voltages.
More results


Similar Description - A4402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Allegro MicroSystems
A4402 ALLEGRO-A4402_1 Datasheet
378Kb / 15P
Constant On-Time Buck Converter with Integrated Linear Regulator
logo
Texas Instruments
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
48V, 650mA Constant On-Time Synchronous Buck Regulator
logo
Allegro MicroSystems
A4402KLPTR-T ALLEGRO-A4402KLPTR-T Datasheet
326Kb / 17P
Constant On-Time Buck Converter With Integrated Linear Regulator
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
600mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM2696 TI-LM2696_15 Datasheet
967Kb / 28P
LM2696 3A, Constant On Time Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com