Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA6940M Datasheet (PDF) - Allegro MicroSystems

STA6940M Datasheet PDF - Allegro MicroSystems
Part # STA6940M
Download  STA6940M Download
File Size   490.7 Kbytes
Page   19 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Brushed DC Motor Driver IC With PWM Control

STA6940M Datasheet (PDF)

Go To PDF Page Download Datasheet
STA6940M Datasheet PDF - Allegro MicroSystems

Part # STA6940M
Download  STA6940M Click to download

File Size   490.7 Kbytes
Page   19 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Brushed DC Motor Driver IC With PWM Control

STA6940M Datasheet (HTML) - Allegro MicroSystems


STA6940M Product details

Features and Benefits
▪ Power supply voltage, VBB , 44 V maximum, 10 to 40 V
normal operating range
▪ Logic supply voltage, VDD , 3 to 5.5 V compatible
▪ Output current, IO ,4 A average, 8 A maximum
▪ Output elements are all N-channel MOSFETs to reduce
losses
▪ Internal charge pump
▪ Forward, reverse, free, and brake control modes available
▪ Constant-current control:
▫ Off-time 35 μs, fixed (Slow Decay mode)
▪ Internal Overcurrent Protection (OCP) circuitry
▫ Off-time 142 μs fixed (Fast Decay mode)
▪ Internal Thermal Shutdown (TSD) circuitry
▪ ZIP type 18-pin fully-molded package (STA package)




Similar Part No. - STA6940M

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
S uper high dense cell design for low R DS (ON).
More results


Similar Description - STA6940M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8872 TI1-DRV8872_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Fault Reporting (PWM Control)
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
3.6-A Brushed DC Motor Driver (PWM Control)
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
PWM Chopper Type DC Brushed Motor Driver
3.0
TB67H410FTG TOSHIBA-TB67H410FTG Datasheet
1Mb / 26P
PWM Chopper-Type Brushed DC Motor driver
2015-1-27
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com