Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF7302 Datasheet (PDF) - Allegro MicroSystems

SPF7302 Datasheet PDF - Allegro MicroSystems
Part # SPF7302
Download  SPF7302 Download
File Size   359.62 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Full Bridge DC Motor Driver

SPF7302 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPF7302 Datasheet PDF - Allegro MicroSystems

Part # SPF7302
Download  SPF7302 Click to download

File Size   359.62 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Full Bridge DC Motor Driver

SPF7302 Datasheet (HTML) - Allegro MicroSystems


SPF7302 Product details

Features and Benefits
▪ Supply voltage, VBB , 36 V maximum
▪ Maximum DC current 3 A continuous, 6 A pulsed (1 kHz,
duty cycle < 1%, pulse width < 10 μs)
▪ RDS(on) = 300 mΩ maximum, at TJ = 125ºC
▪ Operation modes: forward, reverse, brake (high- or lowside freewheeling current circulation)
▪ Output disable pin (DI pin)
▪ Protections:
▫ Overvoltage protection (OVP), 36 V minimum
▫ Overcurrent protection (OCP), 3 A typical
▫ Overcurrent limitation (OCL), 6 A typical
▫ Externally adjustable delay timer to halt OCL
▫ Thermal shutdown protection (TSD), 151°C minimum
▫ Undervoltage lockout on VBB (UVLO), 4.2 V minimum
▫ Open load detection at startup
▪ Diagnosis output linked to OVP, OCP, TSD, UVLO, and
open load detection, at startup and in operation




Similar Part No. - SPF7302

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
Full Bridge DC Motor Driver
More results


Similar Description - SPF7302

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62300FG TOSHIBA-TB62300FG Datasheet
607Kb / 28P
Dual Full-Bridge Driver for DC Motor
04-Apr-2005
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ Datasheet
236Kb / 15P
Full-Bridge DC Motor Driver IC
TB6569FG TOSHIBA-TB6569FG Datasheet
287Kb / 18P
Full-Bridge DC Motor Driver IC
TB67H301FTG TOSHIBA-TB67H301FTG Datasheet
1Mb / 22P
Full-Bridge DC Motor Driver IC
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
Full Bridge Driver IC for DC motor
TB6559FG TOSHIBA-TB6559FG_13 Datasheet
336Kb / 19P
Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ_14 Datasheet
382Kb / 15P
Full-Bridge DC Motor Driver IC
TB6643KQ TOSHIBA-TB6643KQ Datasheet
247Kb / 15P
Full-Bridge DC Motor Driver IC
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
Full Bridge DC Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com