Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1587 Datasheet (PDF) - Toshiba Semiconductor

2SA1587 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1587
Download  2SA1587 Download
File Size   211.37 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)

2SA1587 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1587 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1587
Download  2SA1587 Click to download

File Size   211.37 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)

2SA1587 Datasheet (HTML) - Toshiba Semiconductor


2SA1587 Product details

Audio Frequency General Purpose Amplifier Applications

• High voltage: VCEO = −120 V
• Excellent hFE linearity: hFE (IC = −0.1 mA)/hFE (IC = −2 mA) = 0.95 (typ.)
• High hFE: hFE = 200 to 700
• Low noise: NF = 1dB (typ.), 10dB (max)
• Complementary to 2SC4117
• Small package




Similar Part No. - 2SA1587

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1587 TOSHIBA-2SA1587 Datasheet
629Kb / 4P
Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1587 KEXIN-2SA1587 Datasheet
45Kb / 1P
Silicon PNP Epitaxial
logo
Toshiba Semiconductor
2SA1587 TOSHIBA-2SA1587 Datasheet
300Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1587 TOSHIBA-2SA1587 Datasheet
300Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1587-BL TOSHIBA-2SA1587-BL Datasheet
300Kb / 4P
Audio Frequency General Purpose Amplifier Applications
More results


Similar Description - 2SA1587

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
10-Apr-1997
2SA1586 TOSHIBA-2SA1586 Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
10-Apr-1997
2SA1618 TOSHIBA-2SA1618 Datasheet
142Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
16-Sep-1997
2SA1832 TOSHIBA-2SA1832 Datasheet
150Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SA1873 TOSHIBA-2SA1873 Datasheet
154Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC2713 TOSHIBA-2SC2713 Datasheet
205Kb / 4P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
17-Dec-1998
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
16-Jan-2002
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com