Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1771 Datasheet (PDF) - Toshiba Semiconductor

2SA1771 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1771
Download  2SA1771 Download
File Size   213.03 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)

2SA1771 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1771 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1771
Download  2SA1771 Click to download

File Size   213.03 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)

2SA1771 Datasheet (HTML) - Toshiba Semiconductor


2SA1771 Product details

High-Current Switching Applications



•  Low collector saturation voltage: VCE (sat)= −0.4 V (max) (IC= −6 A)

•  High-speed switching: tstg= 0.6 μs (typ.)

•  High emitter-base breakdown voltage: V (BR) EBO= −14 V (min)




Similar Part No. - 2SA1771

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1771 ISC-2SA1771 Datasheet
161Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1771 SAVANTIC-2SA1771 Datasheet
262Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1771 JMNIC-2SA1771 Datasheet
206Kb / 4P
Silicon PNP Power Transistors
logo
Toshiba Semiconductor
2SA1771 TOSHIBA-2SA1771 Datasheet
153Kb / 5P
High-Current Switching Applications
logo
Quanzhou Jinmei Electro...
2SA1771 JMNIC-2SA1771 Datasheet
206Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SA1771

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1244 TOSHIBA-2SA1244 Datasheet
195Kb / 4P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
2SA1293 TOSHIBA-2SA1293 Datasheet
210Kb / 3P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
2SA1451A TOSHIBA-2SA1451A Datasheet
218Kb / 4P
TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
2SA1452A TOSHIBA-2SA1452A Datasheet
220Kb / 4P
TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
2SA1887 TOSHIBA-2SA1887 Datasheet
82Kb / 1P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
2SA1905 TOSHIBA-2SA1905 Datasheet
194Kb / 3P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
2SB1018A TOSHIBA-2SB1018A Datasheet
199Kb / 4P
TRANSISTOR (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SC3074 TOSHIBA-2SC3074 Datasheet
195Kb / 4P
TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com