Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1811 Datasheet (PDF) - Toshiba Semiconductor

2SA1811 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1811
Download  2SA1811 Download
File Size   148.75 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (LOW FREQUENCY, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS

2SA1811 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1811 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1811
Download  2SA1811 Click to download

File Size   148.75 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (LOW FREQUENCY, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS

2SA1811 Datasheet (HTML) - Toshiba Semiconductor


2SA1811 Product details

LOW FREQUENCY AMPLIFIER APPLICATIONS.
DRIVER STAGE AMPLIFIER APPLICATIONS.
SWITCHING APPLICATIONS.

• Excellent hFE Linearity : hFE(2)=35(Min.), (VCE= -2V, IC= -300mA)
• Complementary to 2SC4707




Similar Part No. - 2SA1811

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1810 HITACHI-2SA1810 Datasheet
32Kb / 6P
Silicon PNP Epitaxial
logo
Rohm
2SA1812 ROHM-2SA1812 Datasheet
250Kb / 4P
High-voltage Switching Transistor (-400V, -0.5A)
2SA1812 ROHM-2SA1812 Datasheet
31Kb / 1P
High-voltage Switching Transistor ( 400V, 0.5A)
2SA1812 ROHM-2SA1812 Datasheet
31Kb / 1P
High-voltage Switching Transistor (Telephone power supply)
logo
Guangdong Kexin Industr...
2SA1812 KEXIN-2SA1812 Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - 2SA1811

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1182 TOSHIBA-2SA1182 Datasheet
129Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
20-Aug-1999
2SA1588 TOSHIBA-2SA1588 Datasheet
143Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS
10-Apr-1997
2SA562TM TOSHIBA-2SA562TM Datasheet
144Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
2SC1959 TOSHIBA-2SC1959 Datasheet
138Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER SWITCHING APPLICATIONS)
02-Sep-1996
2SC2859 TOSHIBA-2SC2859 Datasheet
142Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
10-Apr-1997
2SA562TM TOSHIBA-2SA562TM_07 Datasheet
315Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313 TOSHIBA-2SA1313_07 Datasheet
316Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182-Y TOSHIBA-2SA1182-Y Datasheet
151Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com