Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1953 Datasheet (PDF) - Toshiba Semiconductor

2SA1953 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1953
Download  2SA1953 Download
File Size   159.92 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)

2SA1953 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1953 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1953
Download  2SA1953 Click to download

File Size   159.92 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)

2SA1953 Datasheet (HTML) - Toshiba Semiconductor


2SA1953 Product details

General Purpose Amplifier Applications
Switching and Muting Switch Application

• Low saturation voltage: VCE (sat) (1) = −15 mV (typ.)
                                        @IC = −10 mA/IB = −0.5 mA
• Large collector current: IC = −500 mA (max)




Similar Part No. - 2SA1953

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1953 TOSHIBA-2SA1953 Datasheet
196Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1953 TOSHIBA-2SA1953_07 Datasheet
196Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
More results


Similar Description - 2SA1953

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1954 TOSHIBA-2SA1954 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
19-Nov-1998
2SA1955 TOSHIBA-2SA1955 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
19-Nov-1998
2SC5232 TOSHIBA-2SC5232 Datasheet
160Kb / 4P
NPN EPITAXIAL TYPE (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SC5233 TOSHIBA-2SC5233 Datasheet
159Kb / 4P
NPN EPITAXIAL TYPE (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SA1955 TOSHIBA-2SA1955_07 Datasheet
437Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1953 TOSHIBA-2SA1953_07 Datasheet
196Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954 TOSHIBA-2SA1954_07 Datasheet
234Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1955F TOSHIBA-2SA1955F Datasheet
131Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1955FV TOSHIBA-2SA1955FV Datasheet
223Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954-B TOSHIBA-2SA1954-B Datasheet
234Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com