Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A28-2 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A28-2 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A28-2
Download  A28-2 Download
File Size   1325.49 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1500 MHz

A28-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
A28-2 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A28-2
Download  A28-2 Click to download

File Size   1325.49 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1500 MHz

A28-2 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A28-2 Product details

Description

The A28-2 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability.

This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperature stable performance, in addition to an RF Choke, used for power supply decoupling.

Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• LOW NOISE: 3.5 dB (TYP.)

• HIGH EFFICIENCY: 27 mA (TYP.) @ +5 Vdc

• GOOD DYNAMIC RANGE: 105 dB (TYP.)

• LOW VSWR: <1.4:1 (TYP.)



 




Similar Part No. - A28-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A28-2 MACOM-A28-2 Datasheet
112Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
A28-2 MACOM-A28-2 Datasheet
368Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A28-2-SMA28-2 MA-COM-A28-2-SMA28-2 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
A28-2 MACOM-A28-2_1 Datasheet
368Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
More results


Similar Description - A28-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A28 MACOM-A28 Datasheet
107Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
A29-1 MACOM-A29-1 Datasheet
112Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
RA26 MACOM-RA26 Datasheet
324Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A27 MACOM-A27 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MACOM-A28_1 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA26 MA-COM-SMA26 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA27 MA-COM-SMA27 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA29-1 MA-COM-SMA29-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MA-COM-A28 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 1500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com