Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM50-0002 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AM50-0002 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AM50-0002
Download  AM50-0002 Download
File Size   135.15 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Noise Amplifier 1.575 GHz

AM50-0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM50-0002 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AM50-0002
Download  AM50-0002 Click to download

File Size   135.15 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Noise Amplifier 1.575 GHz

AM50-0002 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AM50-0002 Product details

Description
M/A-COM’s AM50-0002 is a high performance GaAs MMIC low noise amplifier in a SOIC 8-lead surface mount plastic package. The AM50-0002 employs a monolithic 3-stage self-bias design and a simple external matching network to obtain minimum noise figure.

Features
• Low Noise Figure: 1.15 dB
• High Gain: 27 dB
• Low Power Consumption: 5V, 20 mA
• High Dynamic Range
• SOIC-8 Package




Similar Part No. - AM50-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002 Datasheet
214Kb / 5P
Low Noise Amplifier
AM50-0002 MACOM-AM50-0002 Datasheet
211Kb / 3P
Low Noise Amplifier
AM50-0002 MACOM-AM50-0002 Datasheet
244Kb / 5P
Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
116Kb / 7P
GaAs MMIC Low Noise Amplifier SOIC-8 Platform
More results


Similar Description - AM50-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
Low Noise Amplifier 1.575 GHz
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
1.575 GHz GPS Low Noise Amplifier
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
2.4 GHz Low-Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
1.575 GHz Antenna
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com