Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM55-0004 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AM55-0004 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AM55-0004
Download  AM55-0004 Download
File Size   281.26 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz

AM55-0004 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM55-0004 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AM55-0004
Download  AM55-0004 Click to download

File Size   281.26 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz

AM55-0004 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AM55-0004 Product details

Description
M/A-COM’s AM55-0004 power amplifier/switch integrates a power amplifier and transmit/receive switch in a low cost SSOP package. The power amplifier delivers +24 dBm of linear power with high efficiency and can be operated at supply voltages as low as 2.7 V. It is ideally suited for QPSK or other linearly modulated systems in the 1.8 to 2.0 GHz frequency band. The power amplifier/switch is fully monolithic and requires only one output capacitor for power match. The T/R switch achieves good insertion loss and isolation without degrading the overall linearity. The AM55-0004 is ideally suited for final stage power amplification in linear TDD systems.

Features
• Operates Over Full PCN/PCS/PHS Bands
• Operates Over +3 V to +5 V Supply Voltage
• +24 dBm P1dB Typical at PA Out
• 35% PAE @ P1dB for Linear Operation
• On-Chip T/R Switch, Linear Operation to +30 dBm
• Low Cost SSOP-28 Plastic Package




Similar Part No. - AM55-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004 Datasheet
673Kb / 8P
250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
338Kb / 8P
250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004SMB MACOM-AM55-0004SMB Datasheet
338Kb / 8P
250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results


Similar Description - AM55-0004

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
6 Watts, 1.8-2.0 GHz RF Power Transistor
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
1.8 to 2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com