Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1457 Datasheet (PDF) - Toshiba Semiconductor

2SB1457 Datasheet PDF - Toshiba Semiconductor
Part # 2SB1457
Download  2SB1457 Download
File Size   155.46 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE , POWER SWITCHING, AMPLIFIER APPLICATIONS)

2SB1457 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1457 Datasheet PDF - Toshiba Semiconductor

Part # 2SB1457
Download  2SB1457 Click to download

File Size   155.46 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE , POWER SWITCHING, AMPLIFIER APPLICATIONS)

2SB1457 Datasheet (HTML) - Toshiba Semiconductor


2SB1457 Product details

Micro Motor Drive, Hammer Drive Applications
Power Switching Applications
Power Amplifier Applications
   
• High DC current gain: hFE = 2000 (min) (VCE = −2 V, IC = −1 A)
• Low saturation voltage: VCE (sat) = −1.5 V (max)
                                         (IC = −1 A, IB = −1 mA)
   




Similar Part No. - 2SB1457

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457 Datasheet
141Kb / 5P
Silicon PNP Epitaxial Type (Darlington)
21-Nov-2006
2SB1457 TOSHIBA-2SB1457 Datasheet
157Kb / 5P
Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
2SB1457 TOSHIBA-2SB1457_06 Datasheet
141Kb / 5P
Silicon PNP Epitaxial Type (Darlington)
21-Nov-2006
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
More results


Similar Description - 2SB1457

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1067 TOSHIBA-2SB1067 Datasheet
149Kb / 3P
TRANSISTOR (MICRO NOTER DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
01-Sep-1997
2SB908 TOSHIBA-2SB908 Datasheet
173Kb / 4P
TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE, POWER AMPLIFIER APPLICATIONS)
16-Jun-1999
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
2SD1631 TOSHIBA-2SD1631_10 Datasheet
152Kb / 5P
Micro Motor Drive, Hammer Drive Applications
10-Mar-2010
2SD1658 TOSHIBA-2SD1658_09 Datasheet
162Kb / 5P
Micro Motor Drive, Hammer Drive Applications
21-Dec-2009
2SD1784 TOSHIBA-2SD1784_10 Datasheet
183Kb / 5P
Micro Motor Drive, Hammer Drive Applications
10-Mar-2010
2SD2088 TOSHIBA-2SD2088_09 Datasheet
151Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2206 TOSHIBA-2SD2206_09 Datasheet
141Kb / 4P
Micro Motor Drive, Hammer Drive Applications
2SD2695 TOSHIBA-2SD2695_09 Datasheet
153Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2206A TOSHIBA-2SD2206A Datasheet
141Kb / 4P
Micro Motor Drive, Hammer Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com