Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV48 Datasheet (PDF) - Motorola, Inc

BUV48 Datasheet PDF - Motorola, Inc
Part # BUV48
Download  BUV48 Download
File Size   308.04 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SWITCHMODE II Series NPN Silicon Power Transistors

BUV48 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUV48 Datasheet PDF - Motorola, Inc

Part # BUV48
Download  BUV48 Click to download

File Size   308.04 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SWITCHMODE II Series NPN Silicon Power Transistors

BUV48 Datasheet (HTML) - Motorola, Inc


BUV48 Product details

The BUV48/BUV48A transistors are designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line–operated switchmode applications such as:

• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
   Fast Turn–Off Times
      60 ns Inductive Fall Time — 25°C (Typ)
      120 ns Inductive Crossover Time — 25°C (Typ)
   Operating Temperature Range –65 to +175°C
   100°C Performance Specified for:
      Reverse–Biased SOA with Inductive Loads
      Switching Times with Inductive Loads
      Saturation Voltage
      Leakage Currents (125°C)




Similar Part No. - BUV48

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV48 MOSPEC-BUV48 Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
logo
ON Semiconductor
BUV48 ONSEMI-BUV48 Datasheet
280Kb / 8P
SITCHMODE II Series NPN Silicon Power Transistors
1996 REV 8
logo
Power Innovations Ltd
BUV48 POINN-BUV48 Datasheet
189Kb / 8P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
BUV48 TRSYS-BUV48 Datasheet
575Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
Advanced Analogic Techn...
BUV48 ANALOGICTECH-BUV48 Datasheet
74Kb / 1P
POWER TRANSISTORS
More results


Similar Description - BUV48

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUX48 MOTOROLA-BUX48 Datasheet
325Kb / 8P
SWITCHMODE II Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Motorola, Inc
MJ13101 MOTOROLA-MJ13101 Datasheet
249Kb / 6P
SWITCHMODE II SERIES NPN SILICON POWER TRANSISTOR
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com