Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1162 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PA1162 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PA1162
Download  PA1162 Download
File Size   117.94 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz

PA1162 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA1162 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PA1162
Download  PA1162 Click to download

File Size   117.94 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz

PA1162 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


PA1162 Product details

Description
The PA1162 is a discrete hybrid linear power amplifier design, which uses thick film solder manufacturing processes for accurate performance and high reliability.
This 2 stage GaAs FET transistor design uses feedback loops for flat broadband linear performance, with very low noise figure. The model is particularly suited for power driver applications used in the base station & repeater infrastructure, and for commercial & military radios, where ultra high linearity is critical.

Features
• LOW NOISE FIGURE: 2.0 dB (TYP.)
• HIGH GAIN: 28 dB (TYP.)
• HIGH P1dB: +35.5 dBm (TYP.)
• HIGH IP3: +50 dBm (TYP.)




Similar Part No. - PA1162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1162 MACOM-PA1162 Datasheet
62Kb / 1P
800-960 MHz(4 Watt Ultra Linear Power Amplifier)
logo
Tempo Communications, I...
PA1162 TEMPOCOMMUNICATIONS-PA1162 Datasheet
1Mb / 2P
FIBER OPTIC HAND TOOLS FOR EVERY TECHNICIAN
04/21
More results


Similar Description - PA1162

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW804 MOTOROLA-MHW804 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
logo
Tyco Electronics
PA1162 MACOM-PA1162 Datasheet
62Kb / 1P
800-960 MHz(4 Watt Ultra Linear Power Amplifier)
PA1186 MACOM-PA1186 Datasheet
74Kb / 2P
800-960 MHz. 6 Watt 28v. GaAs Ultra Linear Power Amplifier
PAW1027-1 MACOM-PAW1027-1 Datasheet
134Kb / 1P
RF Linear Hybrid Amplifier 35 to 500 MHz
logo
Stealth Microwave, Inc.
SM0825-36 STEALTH_MICROWAVE-SM0825-36 Datasheet
89Kb / 3P
800-2500 MHz 4 Watt Linear Power Amplifier
SM04080-36HS STEALTH_MICROWAVE-SM04080-36HS Datasheet
94Kb / 3P
400-800 MHz 4 Watt Linear Power Amplifier
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
800-960 MHz 5 Watt Linear Power Amplifier
logo
M/A-COM Technology Solu...
PAW1027 MA-COM-PAW1027 Datasheet
66Kb / 1P
RF Linear Hybrid Amplifier 35 to 350 MHz
PAW1027-1 MA-COM-PAW1027-1 Datasheet
64Kb / 1P
RF Linear Hybrid Amplifier 35 to 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com