Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-312 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

DS-312 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # DS-312
Download  DS-312 Download
File Size   94.83 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Four-Way Power Divider, 10 - 500 MHz

DS-312 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-312 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # DS-312
Download  DS-312 Click to download

File Size   94.83 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Four-Way Power Divider, 10 - 500 MHz

DS-312 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - DS-312

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-312BNC MACOM-DS-312BNC Datasheet
109Kb / 2P
Four-Way Power Dividers 10 - 500 MHz
DS-312N MACOM-DS-312N Datasheet
109Kb / 2P
Four-Way Power Dividers 10 - 500 MHz
DS-312SMA MACOM-DS-312SMA Datasheet
109Kb / 2P
Four-Way Power Dividers 10 - 500 MHz
DS-312TNC MACOM-DS-312TNC Datasheet
109Kb / 2P
Four-Way Power Dividers 10 - 500 MHz
More results


Similar Description - DS-312

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-109319 MACOM-DS-109319 Datasheet
80Kb / 2P
Two-Way Power Divider 10 - 500 MHz
DS-112312 MACOM-DS-112312 Datasheet
109Kb / 2P
Four-Way Power Dividers 10 - 500 MHz
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
Four-Way Power Divider 10 - 2000 MHz
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
Two-Way Power Divider 10 - 500 MHz
DSS-333 MACOM-DSS-333 Datasheet
117Kb / 2P
Surface Mount Two-Way Power Divider, 10 - 500 MHz
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
Two-Way Power Divider, 10 - 500 MHz
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
Four -Way Power Divider, 10 - 2000 MHz
DSS-333 MA-COM-DSS-333 Datasheet
105Kb / 2P
Surface Mount Two-Way Power Divider, 10 - 500 MHz
DS-112-DS-312 MA-COM-DS-112-DS-312 Datasheet
94Kb / 3P
Four-Way Power Divider
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
Four -Way Power Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com