Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1815 Datasheet (PDF) - Toshiba Semiconductor

1815 Datasheet PDF - Toshiba Semiconductor
Part # 1815
Download  1815 Download
File Size   212.87 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)

1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
1815 Datasheet PDF - Toshiba Semiconductor

Part # 1815
Download  1815 Click to download

File Size   212.87 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)

1815 Datasheet (HTML) - Toshiba Semiconductor


1815 Product details

Audio Frequency Voltage Amplifier Applications
Low Noise Amplifier Applications

• High breakdown voltage, high current capability
   : VCEO = 50 V (min), IC = 150 mA (max)
• Excellent linearity of hFE
   : hFE (2) = 100 (typ.) at VCE = 6 V, IC = 150 mA
   : hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• Low noise: NF = 0.2dB (typ.) (f = 1 kHz).
• Complementary to 2SA1015 (L). (O, Y, GR class).




Similar Part No. - 1815

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1815 FAIRCHILD-1815 Datasheet
44Kb / 4P
Audio Frequency Amplifier & High Frequency OSC
logo
NXP Semiconductors
1815 PHILIPS-1815 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 May 28
logo
ASSUN MOTOR Pte Ltd.
1815 ASSUN-1815 Datasheet
253Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
logo
CEE Norm UK Ltd
1815 CEENORM-1815 Datasheet
1Mb / 4P
Socket Outlets
logo
PHOENIX CONTACT
1815002 PHOENIX-1815002 Datasheet
66Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 4-HHI-2,5-THR WHR32
More results


Similar Description - 1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4207 TOSHIBA-2SC4207 Datasheet
160Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738F TOSHIBA-2SC4738F Datasheet
149Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4944 TOSHIBA-2SC4944 Datasheet
158Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B01F TOSHIBA-HN1B01F Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B04FU TOSHIBA-HN1B04FU Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1C01F TOSHIBA-HN1C01F Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN2C01FU TOSHIBA-HN2C01FU Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC5376 TOSHIBA-2SC5376_07 Datasheet
436Kb / 5P
Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications
2SC5376F TOSHIBA-2SC5376F_07 Datasheet
162Kb / 5P
Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com