Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK846 Datasheet (PDF) - Analog Devices

ADCLK846 Datasheet PDF - Analog Devices
Part # ADCLK846
Download  ADCLK846 Download
File Size   524.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer

ADCLK846 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCLK846 Datasheet PDF - Analog Devices

Part # ADCLK846
Download  ADCLK846 Click to download

File Size   524.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer

ADCLK846 Datasheet (HTML) - Analog Devices


ADCLK846 Product details

CIRCUIT DESCRIPTION

The circuit in Figure 1 was constructed by connecting the respective evaluation boards for the individual products. Connections were made with matched cable lengths. The first of three basic requirements to synchronize multiple AD9910’s is to provide a co-incident reference clock (REF CLK).

The setup uses the AD9520 as the REF CLK source for each AD9910 DDS. The AD9520 runs off an external crystal and the internal PLL. The AD9520 distributes phase aligned 1 GHz REF CLKs (PECL outputs) to all four AD9910 evaluation boards. It also provides a CMOS output clock to the Tektronix DG2020A data pattern generator for the IO_UPDATE.



CIRCUIT FUNCTION AND BENEFITS

Synchronization of multiple DDS devices allows precise digital tuning control of the phase and amplitude across multiple frequency carriers. This type of control is useful in radar applications and quadrature (I/Q) upconversion for side-band suppression.

The circuit in Figure 1 demonstrates how to synchronize four AD9910 1 GSPS, DDS chips using the AD9520 clock generator and the ADCLK846 clock fanout buffer. The result is precise phase alignment between the clock and output signals of four AD9910 devices.



 




Similar Part No. - ADCLK846

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK846 AD-ADCLK846 Datasheet
390Kb / 3P
Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
ADCLK846 AD-ADCLK846 Datasheet
468Kb / 15P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
9/2017-Rev. B to Rev. C
ADCLK846BCPZ AD-ADCLK846BCPZ Datasheet
468Kb / 15P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
9/2017-Rev. B to Rev. C
ADCLK846BCPZ-REEL7 AD-ADCLK846BCPZ-REEL7 Datasheet
468Kb / 15P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
9/2017-Rev. B to Rev. C
ADCLK846 AD-ADCLK846_17 Datasheet
468Kb / 15P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
9/2017-Rev. B to Rev. C
More results


Similar Description - ADCLK846

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Analog Devices
ADCLK854 AD-ADCLK854 Datasheet
548Kb / 16P
1.8 V, 12-LVDS/24-CMOS Output, Low Power Clock Fanout Buffer
REV. 0
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Integrated Device Techn...
8SLVD1212 IDT-8SLVD1212_16 Datasheet
555Kb / 21P
1:12, LVDS Output Fanout Buffer
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
8SLVD1212 IDT-8SLVD1212_17 Datasheet
500Kb / 20P
1:12, LVDS Output Fanout Buffer
logo
Analog Devices
ADCLK846 AD-ADCLK846_17 Datasheet
468Kb / 15P
1.8 V, 6 LVDS/12 CMOS Outputs Low Power Clock Fanout Buffer
9/2017-Rev. B to Rev. C
logo
Diodes Incorporated
PI6C5921512 DIODES-PI6C5921512 Datasheet
1Mb / 14P
12 Output LVDS Fanout Buffer
Rev 1-2
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com