Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16362 Datasheet (PDF) - Analog Devices

ADIS16362 Datasheet PDF - Analog Devices
Part # ADIS16362
Download  ADIS16362 Download
File Size   512.08 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Six Degrees of Freedom Inertial Sensor

ADIS16362 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16362 Datasheet PDF - Analog Devices

Part # ADIS16362
Download  ADIS16362 Click to download

File Size   512.08 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Six Degrees of Freedom Inertial Sensor

ADIS16362 Datasheet (HTML) - Analog Devices


ADIS16362 Product details

GENERAL DESCRIPTION
The ADIS16362 iSensor® is a complete inertial system that includes a triaxis gyroscope and triaxis accelerometer. Each sensor in the ADIS16362 combines industry-leading iMEMS® technology with signal conditioning that optimizes dynamic performance. The factory calibration characterizes each sensor for sensitivity, bias, alignment, and linear acceleration (gyro bias). As a result, each sensor has its own dynamic compensation formulas that provide accurate sensor measurements over a temperature range of −20°C to +70°C.

FEATURES
   Triaxis digital gyroscope with digital range scaling
      ±75°/sec, ±150°/sec, ±300°/sec settings
      Tight orthogonal alignment: <0.05°
   Triaxis digital accelerometer: ±1.7 g
   Wide sensor bandwidth: 330 Hz
   Autonomous operation and data collection
      No external configuration commands required
      Start-up time: 180 ms
      Sleep mode recovery time: 4 ms
   Factory-calibrated sensitivity, bias, and axial alignment
      Calibration temperature range: −20°C to +70°C
   SPI-compatible serial interface
   Embedded temperature sensor
   Programmable operation and control
      Automatic and manual bias correction controls
      Bartlett window FIR filter length, number of taps
      Digital I/O: data ready, alarm indicator, general-purpose
      Alarms for condition monitoring
      Sleep mode for power management
      DAC output voltage
      Enable external sample clock input: up to 1.2 kHz
      Single-command self-test
   Single-supply operation: 4.75 V to 5.25 V
   2000 g shock survivability
   Operating temperature range: −40°C to +105°C

APPLICATIONS
   Medical instrumentation
   Robotics
   Platform control
   Navigation




Similar Part No. - ADIS16362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16362BMLZ AD-ADIS16362BMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results


Similar Description - ADIS16362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
Compact, Precision, Six Degrees of Freedom Inertial Sensor
Rev. 0
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
Compact, Precision Six Degrees of Freedom Inertial Sensor
Rev. F
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
Six Degrees of Freedom Inertial Sensor
1/2021-Revision 0
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
Compact, Precision Six Degrees of Freedom Inertial Sensor
2/2021-Revision 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
7/2019-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com