Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5562 Datasheet (PDF) - Analog Devices

ADL5562 Datasheet PDF - Analog Devices
Part # ADL5562
Download  ADL5562 Download
File Size   563.03 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 GHz Ultralow Distortion RF/IF Differential Amplifier

ADL5562 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5562 Datasheet PDF - Analog Devices

Part # ADL5562
Download  ADL5562 Click to download

File Size   563.03 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 GHz Ultralow Distortion RF/IF Differential Amplifier

ADL5562 Datasheet (HTML) - Analog Devices


ADL5562 Product details

GENERAL DESCRIPTION
The ADL5562 is a high performance differential amplifier optimized for RF and IF applications. The amplifier offers low noise of 2.1 nV/√Hz and excellent distortion performance over a wide frequency range, making it an ideal driver for high speed 8-bit to 16-bit ADCs.

FEATURES
   −3 dB bandwidth of 3.3 GHz (AV = 6 dB)
   Pin-strappable gain adjust: 6 dB, 12 dB, 15.5 dB
   Differential or single-ended input to differential output
   Low noise input stage: 2.1 nV/√Hz RTI at AV = 12 dB
   Low broadband distortion (AV = 6 dB)
      10 MHz: −91 dBc HD2, −98 dBc HD3
      70 MHz: −102 dBc HD2, −90 dBc HD3
      140 MHz: −104 dBc HD2, −87 dBc HD3
      250 MHz: −80 dBc HD2, −94 dBc HD3
   IMD3s of −94 dBc at 250 MHz center
   Slew rate: 9.8 V/ns
   Fast settling of 2 ns and overdrive recovery of 3 ns
   Single-supply operation: 3 V to 3.6 V
   Power-down control
   Fabricated using the high speed XFCB3 SiGe process

APPLICATIONS
   Differential ADC drivers
   Single-ended to differential conversion
   RF/IF gain blocks
   SAW filter interfacing




Similar Part No. - ADL5562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562 AD-ADL5562 Datasheet
269Kb / 5P
High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
ADL5562 AD-ADL5562 Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
ADL5562-EVALZ AD-ADL5562-EVALZ Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
ADL5562ACPZ-R7 AD-ADL5562ACPZ-R7 Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
ADL5562ACPZ-WP AD-ADL5562ACPZ-WP Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
More results


Similar Description - ADL5562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352 AD-AD8352 Datasheet
410Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
1/06-Revision 0
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
9/06-Rev. 0 to Rev. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
Low Distortion Differential RF/IF Amplifier
REV. D
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. G
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
Apr-2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com