Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1612 Datasheet (PDF) - Analog Devices

ADP1612 Datasheet PDF - Analog Devices
Part # ADP1612
Download  ADP1612 Download
File Size   1257.51 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters

ADP1612 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1612 Datasheet PDF - Analog Devices

Part # ADP1612
Download  ADP1612 Click to download

File Size   1257.51 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters

ADP1612 Datasheet (HTML) - Analog Devices


ADP1612 Product details

GENERAL DESCRIPTION
The ADP1612/ADP1613 are step-up dc-to-dc switching converters with an integrated power switch capable of providing an output voltage as high as 20 V. With a package height of less than 1.1 mm, the ADP1612/ADP1613 are optimal for spaceconstrained applications such as portable devices or thin film transistor (TFT) liquid crystal displays (LCDs).

FEATURES
    Current limit 1.4 A for the ADP1612 2.0 A for the ADP 1613
    Minimum input voltage 1.8 V for the ADP1612 2.5 V for the ADP1613
    Pin-selectable 650 kHz or 1.3 MHz PWM frequency
    Adjustable output voltage up to 20 V
    Adjustable soft start
    Undervoltage lockout
    Thermal shutdown
    8-lead MSOP
    Supported by ADIsimPower™ design tool
    ADIsimPower downloadable design tools for boost, coupled SEPIC, and SEPIC Cuk configurations

APPLICATIONS
    TFT LCD bias supplies
    Portable applications
    Industrial/instrumentation equipment




Similar Part No. - ADP1612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP161 AD-ADP161 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
1.2 MHz DC-DC Step-Up Switching Converter
10/04-Revision 0
ADP1610 AD-ADP1610 Datasheet
819Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
12/06-Rev. 0 to Rev. A
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
1.2 MHz DC-DC Step-Up Switching Converter
10/04-Revision 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
More results


Similar Description - ADP1612

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
Texas Instruments
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com