Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4666ARUZ Datasheet (PDF) - Analog Devices

ADN4666ARUZ Datasheet PDF - Analog Devices
Part # ADN4666ARUZ
Download  ADN4666ARUZ Download
File Size   262.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, LVDS, Quad CMOS Differential Line Receiver

ADN4666ARUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4666ARUZ Datasheet PDF - Analog Devices

Part # ADN4666ARUZ
Download  ADN4666ARUZ Click to download

File Size   262.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V, LVDS, Quad CMOS Differential Line Receiver

ADN4666ARUZ Datasheet (HTML) - Analog Devices


ADN4666ARUZ Product details

GENERAL DESCRIPTION
The ADN4666 is a quad-channel, CMOS low voltage differential signaling (LVDS) line receiver offering data rates of over 400 Mbps (200 MHz) and ultralow power consumption.
The device accepts low voltage (350 mV typical) differential input signals and converts them to a single-ended, 3 V TTL/CMOS logic level.
The ADN4666 also offers active high and active low enable/disable inputs (EN and EN) that control all four receivers. These inputs disable the receivers and switch the outputs to a high impedance state. Consequently, the outputs of one or more ADN4666 devices can be multiplexed together to reduce the quiescent power consumption to 10 mW typical.

FEATURES
   ±8 kV ESD IEC 61000-4-2 contact discharge on receiver input pins
   400 Mbps (200 MHz) switching rates
   100 ps channel-to-channel skew (typical)
   100 ps differential skew (typical)
   3.3 ns propagation delay (maximum)
   3.3 V power supply
   High impedance outputs on power-down
   Low power design (10 mW quiescent typical)
   Interoperable with existing 5 V LVDS drivers
   Accepts small swing (350 mV typical) differential
      input signal levels
   Supports open, short, and terminated input fail-safe
   Conforms to TIA/EIA-644 LVDS standard
   Industrial operating temperature range of −40°C to +85°C
   Available in surface-mount SOIC package and low profile
      TSSOP package

APPLICATIONS
   Point-to-point data transmission
   Multidrop buses
   Clock distribution networks
   Backplane receivers




Similar Part No. - ADN4666ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4666 AD-ADN4666 Datasheet
593Kb / 12P
LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results


Similar Description - ADN4666ARUZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
REV. A
logo
Texas Instruments
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
3-V LVDS Quad CMOS Differential Line Receiver
logo
Analog Devices
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com