Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5020 Datasheet (PDF) - Analog Devices

ADP5020 Datasheet PDF - Analog Devices
Part # ADP5020
Download  ADP5020 Download
File Size   1094.24 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Management Unit for Imaging Modules

ADP5020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5020 Datasheet PDF - Analog Devices

Part # ADP5020
Download  ADP5020 Click to download

File Size   1094.24 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Management Unit for Imaging Modules

ADP5020 Datasheet (HTML) - Analog Devices


ADP5020 Product details

GENERAL DESCRIPTION
The ADP5020 provides a highly integrated power solution that includes all of the power circuits necessary for a digital imaging module. It comprises two step-down dc-to-dc converters, one LDO, and a power sequence controller. All dc-to-dc converters integrate power pMOSFETs and nMOSFETs, making the system simpler and more compact and reducing the cost. The ADP5020 has digitally programmed output voltages and buck converters that can source up to 600 mA. A fixed frequency operation of 3 MHz enables the use of tiny inductors and capacitors. The buck converters use a voltage mode, constant-frequency PWM control scheme, and the synchronous rectification is implemented to reduce the power loss. The Buck 1 regulator operates at up to 93% efficiency.

FEATURES
   Input voltage range: 2.4 V to 5.5 V
   Low standby current: 1 μA
   Switching frequency: 3 MHz
   I2C interface
   Synchronous Buck 1 regulator: 600 mA
   Synchronous Buck 2 regulator: 250 mA
   Low dropout regulator (LDO): 150 mA
   Internal compensation
   Internal soft start
   Thermal shutdown
   20-lead 4 mm × 4 mm LFCSP

APPLICATIONS
   Digital cameras, handsets
   Mobile TVs




Similar Part No. - ADP5020

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP5020CP-EVALZ APEX-ADP5020CP-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results


Similar Description - ADP5020

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
Power management unit for microcontrolled ballast
Jan-2005
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
Power management unit for microcontrolled ballast
21-Mar-2007
L6382D5 STMICROELECTRONICS-L6382D5 Datasheet
263Kb / 21P
Power management unit for microcontrolled ballast
22-Mar-2007
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
Power Management Unit (PMU) for Processor
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
Power Management Unit for Power Banks
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com