Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0162 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0162 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0162
Download  MASWSS0162 Download
File Size   88.24 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPST Switch DC - 2.5 GHz

MASWSS0162 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0162 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0162
Download  MASWSS0162 Click to download

File Size   88.24 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPST Switch DC - 2.5 GHz

MASWSS0162 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0162 Product details

Description
M/A-COM’s MASWSS0162 is a GaAs MMIC SPST switch in a lead-free SOIC-8 lead surface mount plastic package. The MASWSS0162 is ideally suited for use where low power consumption is required. Typical applications include transmit/receive switching, switch matrices and switched filter banks in systems such as radio and cellular equipment, PCM, GPS, fiber optic modules, and other battery powered radio equipment.

Features
• Very Low Power Consumption: 50 µW
• Low Insertion Loss: 1.0 dB
• High Isolation: 35 dB up to 2 GHz
• Very High Intercept Point: 46 dBm IP3
• Nanosecond Switching Speed
• Temperature Range: -40°C to +85°C
• Lead-Free SOIC-8 Plastic Package
• 100% Matte Tin Plating over Copper
• Halogen-Free "Green" Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-259




Similar Part No. - MASWSS0162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
571Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0162TR MACOM-MASWSS0162TR Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0162TR MA-COM-MASWSS0162TR Datasheet
571Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
More results


Similar Description - MASWSS0162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
SW-259 MACOM-SW-259 Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-214-PIN MACOM-SW-214-PIN Datasheet
111Kb / 3P
GaAs SPST Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASW6020G MA-COM-MASW6020G Datasheet
73Kb / 4P
GaAs SPST Switch DC - 6.0 GHz
SW-214-PIN MA-COM-SW-214-PIN Datasheet
55Kb / 3P
GaAs SPST Switch, DC - 3 GHz
SW-259 MA-COM-SW-259 Datasheet
97Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASW6020G MA-COM-MASW6020G_15 Datasheet
544Kb / 5P
GaAs SPST Switch DC - 6.0 GHz
MASWSS0162 MA-COM-MASWSS0162_15 Datasheet
571Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com