Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0191 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0191 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0191
Download  MASWSS0191 Download
File Size   76.61 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz

MASWSS0191 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0191 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0191
Download  MASWSS0191 Click to download

File Size   76.61 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz

MASWSS0191 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0191 Product details

Description
M/A-COM’s MASWSS0191 is an industry leading GaAs PHEMT MMIC single pole three throw (SP3T) CDMA-GPS switch in a 2 mm 8-lead STDFN package.

Features
• Optimized RF Paths
• Low Cross Modulation
• Low Insertion Loss: 0.7 dB at 820 MHz (Cell)
• High Isolation: 21.5 dB at 1.9 GHz (PCS)
• 0.5 micron GaAs PHEMT Process
• Lead-Free 2 mm 8-lead STDFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASWSS0191

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0191 MACOM-MASWSS0191 Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0191SMB MACOM-MASWSS0191SMB Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0191SMB MA-COM-MASWSS0191SMB Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch
logo
Tyco Electronics
MASWSS0191TR-3000 MACOM-MASWSS0191TR-3000 Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
More results


Similar Description - MASWSS0191

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0191 MACOM-MASWSS0191 Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0199 MACOM-MASWSS0199 Datasheet
198Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0065 MA-COM-MASWSS0065 Datasheet
81Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0191 MA-COM-MASWSS0191_09 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch
MASWSS0199 MA-COM-MASWSS0199_15 Datasheet
610Kb / 5P
GaAs SP3T 2.6 V CDMA-GPS Switch
MASWSS0144 MA-COM-MASWSS0144_15 Datasheet
538Kb / 5P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com