Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW4 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4AGSW4 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4AGSW4
Download  MA4AGSW4 Download
File Size   118.35 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP4T AlGaAs PIN Diode Switch RoHS Compliant

MA4AGSW4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4AGSW4 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW4
Download  MA4AGSW4 Click to download

File Size   118.35 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP4T AlGaAs PIN Diode Switch RoHS Compliant

MA4AGSW4 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4AGSW4 Product details

Description
The MA4AGSW4 is an Aluminum-Gallium-Arsenide, single pole, four throw (SP4T), PIN diode switch. The switch features enhanced AlGaAs anodes which are formed using MACOM’s patented hetero-junction technology. This technology produces a switch with less loss than conventional GaAs processes. As much as a 0.3 dB reduction in insertion loss can be realized at 50 GHz. These devices are fabricated on an OMCVD epitaxial wafer using a process designed for high device uniformity and extremely low parasitics. The diodes themselves exhibit low series resistance, low capacitance, and fast switching speed. They are fully passivated with silicon nitride and have an additional polymer layer for scratch protection. The protective coating prevents damage to the diode junction and anode air-bridges during handling and assembly. Off chip bias circuitry is required.

Features
• Ultra Broad Bandwidth: 50 MHz to 50 GHz
• Functional Bandwidth: 50 MHz to 70 GHz
• 0.7 dB Insertion Loss
• 32 dB Isolation @ 50 GHz
• Low Current Consumption:
   -10mA for low loss state
   +10mA for Isolation state
• MACOM’s unique AlGaAs hetero-junction anode
   technology
• Silicon Nitride Passivation
• Polymer Scratch Protection
• RoHS Compliant* and 260°C Reflow Compatible




Similar Part No. - MA4AGSW4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW4 MACOM-MA4AGSW4 Datasheet
237Kb / 6P
AIGAAS SP4T PIN DIODE SWITCH
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
124Kb / 7P
SP4T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
SP4T AlGaAs PIN Diode Switch
More results


Similar Description - MA4AGSW4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
109Kb / 7P
SPDT AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW5 MA-COM-MA4AGSW5 Datasheet
130Kb / 7P
SP5T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
SP4T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW1 MA-COM-MA4AGSW1_13 Datasheet
294Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
MASW-004240-13170W MA-COM-MASW-004240-13170W_15 Datasheet
790Kb / 7P
SP4T Surface Mount Silicon PIN Diode Switch RoHS Compliant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com