Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A66-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A66-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A66-1
Download  A66-1 Download
File Size   1345.13 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1000 MHz

A66-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A66-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A66-1
Download  A66-1 Click to download

File Size   1345.13 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1000 MHz

A66-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A66-1 Product details

Description
The A66-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability. This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
•  HIGH GAIN - TWO STAGES: 27.5 dB (TYP.)
•  LOW NOISE: <3.0 dB (TYP.)
•  HIGH POWER OUTPUT: 15.0 dBm (TYP.)
•  WIDE POWER SUPLLY RANGE: 5 TO 15 VOLTS




Similar Part No. - A66-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
Kemet Corporation
A66-1 KEMET-A66-1 Datasheet
56Kb / 1P
Capacitor, aluminum, 1000 uF, -10/30% Tol, -40/85C, 63V@85C
logo
M/A-COM Technology Solu...
A66-1 MA-COM-A66-1 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
A66-1-SMA66-1 MA-COM-A66-1-SMA66-1 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A66-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com