Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A70-2 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A70-2 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A70-2
Download  A70-2 Download
File Size   1344.42 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 250 MHz

A70-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
A70-2 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A70-2
Download  A70-2 Click to download

File Size   1344.42 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 250 MHz

A70-2 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A70-2 Product details

Description
The A70-2 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Use of an impedance transformer offers the benefit of high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• LOW NOISE: 2.2 dB (TYP.)
• HIGH OUTPUT POWER: +19 dBm (TYP.)
• HIGH THIRD ORDER I.P.: +38 dBm (TYP.)
• LOW DC CURRENT: 25 mA (TYP.) AT +15 Vdc




Similar Part No. - A70-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70-2 MACOM-A70-2 Datasheet
107Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A70-2 MA-COM-A70-2 Datasheet
645Kb / 3P
Cascadable Amplifier
A70-2-SMA70-2 MA-COM-A70-2-SMA70-2 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-2 MA-COM-A70-2_15 Datasheet
645Kb / 3P
Cascadable Amplifier
More results


Similar Description - A70-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A83-1 MACOM-A83-1 Datasheet
106Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A70-1 MACOM-A70-1 Datasheet
356Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A70 MACOM-A70_1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A231 MACOM-A231_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
EA54 MA-COM-EA54 Datasheet
126Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181_15 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 250 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com