Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT91L34 Datasheet (PDF) - Exar Corporation

XRT91L34 Datasheet PDF - Exar Corporation
Part # XRT91L34
Download  XRT91L34 Download
File Size   421.65 Kbytes
Page   38 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR

XRT91L34 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT91L34 Datasheet PDF - Exar Corporation

Part # XRT91L34
Download  XRT91L34 Click to download

File Size   421.65 Kbytes
Page   38 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR

XRT91L34 Datasheet (HTML) - Exar Corporation


XRT91L34 Product details

GENERAL DESCRIPTION

The XRT91L34 is a fully integrated quad channel multirate Clock and Data Recovery (CDR) device for SONET/SDH 622.08 Mbps STS-12/STM-4 or 155.52 Mbps STS-3/STM-1 or 51.84 Mbps STS-1/STM-0 applications. The device provides Clock and Data Recovery (CDR) function by synchronizing its on-chip Voltage Controlled Oscillator (VCO) to the incoming serial data stream. The device internally monitors Loss of Lock (LOL) conditions and automatically mutes recovered data upon Loss of Signal (LOS) conditions.



FEATURES

• Quad Channel CDR targeted for SONET STS-12/STS-3/STS-1 and SDH STM-4/STM-1/STM-0 Applications

• Selectable data rate operation between 622.08 Mbps, 155.52 Mbps, or 51.84 Mbps.

• Single-chip fully integrated solution containing quad-channel clock and data recovery (CDR) functions

• Optional flexibility to configure for LVDS or Differential LVPECL High Speed I/O Interface

• Internal 100Ω termination for the high speed LVDS/Differential LVPECL inputs included

• Utilizes reference clock frequency of either 19.44 MHz or 77.76 MHz

• Host mode serial microprocessor interface simplifies monitor and control, including LOS monitoring

• Diagnostics features include LOS monitoring in Host Mode and automatic recovered data mute upon LOS

• Loss of Lock Detect output for each channel

• Permits mixed data rate configuration of the four channels

• Independent power down control of unused channels for lower power operation

• Meets Telcordia, ANSI and ITU-T G.783 and G.825 SDH jitter requirements including T1.105.03 - 2002 SONET Jitter Tolerance specification, and GR-253 CORE, GR-253 ILR SONET Jitter specifications.

• Complies with ANSI/TIA/EIA-644 and IEEE P1596.3 3.3V LVDS standard, 3.3V Differential LVPECL, and JESD 8-B LVTTL and LVCMOS standard.

• Operates with dual power supply of 1.8V core and 3.3V IO supply

• 90mW LVDS/ 350mW Differential LVPECL per channel Typical Power Dissipation

• Package: 14 x 14 x 1.4 mm 128-pin LQFP

• RoHS Compliant Lead-Free package availability

• ESD greater than 2kV on all pins



APPLICATIONS

• SONET/SDH-based Transmission Systems

• Add/Drop Multiplexers

• Cross Connect Equipment

• ATM and Multi-Service Switches, Routers and Switch/Routers

• DSLAMS

• SONET/SDH Test Equipment

• DWDM Termination Equipment



 




Similar Part No. - XRT91L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
China RoHS Fully Compliant
More results


Similar Description - XRT91L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com