Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP506 Datasheet (PDF) - Exar Corporation

SP506 Datasheet PDF - Exar Corporation
Part # SP506
Download  SP506 Download
File Size   911.23 Kbytes
Page   21 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5V Single Chip WAN Multi-Mode Serial Transceiver

SP506 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP506 Datasheet PDF - Exar Corporation

Part # SP506
Download  SP506 Click to download

File Size   911.23 Kbytes
Page   21 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5V Single Chip WAN Multi-Mode Serial Transceiver

SP506 Datasheet (HTML) - Exar Corporation


SP506 Product details

DESCRIPTION
The SP506 is a monolithic IC that supports eight (8) popular serial interface standards for DTE to DCE connectivity. The SP506 is pin-to-pin compatible to our SP505 multi-protocol transceiver but with faster throughput. The seven (7) drivers and seven (7) receivers can transmit and receive signals at 20Mbps. As with the SP505, the SP506 requires no additional external components for compliant operation for all of the eight (8) modes of operation. All necessary termination is integrated within the SP506 and is switchable when V.35 drivers, V.35 receivers, and V.11 receivers are used. The SP506 can operate as either a DTE or DCE.

■ Interface Modes Supported:
    ✓ RS-232 (V.28)                 ✓ X.21/RS-422 (V.11)
    ✓ EIA-530 (V.10 & V.11)    ✓ EIA-530A (V.10 & V.11)
    ✓ RS-449 (V.10 & V.11)     ✓ V.35 (V.35 & V.28)
    ✓ V.36 (V.10 & V.11)          ✓ RS-485 (unterminated V.11)
■ Software Selectable Protocol
■ Highest Differential Transmission Rates at over 20Mbps
■ +5V Only Operation
■ Seven (7) Drivers and Seven (7) Receivers
■ Driver and Receiver Tri-state Control
■ Internal Transceiver Termination Resistors for V.11 and V.35 Protocols
■ Loopback Self-Test Mode
■ Improved ESD Tolerance for Analog I/Os
■ Compliant to NET1/2 and TBR2 Physical Layer Requirements
■ Used in WAN Serial Ports in Routers, Switches, DSU/CSUs and other Access Devices




Similar Part No. - SP506

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP506 SIPEX-SP506 Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
SP506 SIPEX-SP506 Datasheet
378Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP506CF SIPEX-SP506CF Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP506CF SIPEX-SP506CF Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
More results


Similar Description - SP506

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP507 SIPEX-SP507 Datasheet
555Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
378Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP507 SIPEX-SP507 Datasheet
430Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP507 EXAR-SP507 Datasheet
857Kb / 28P
5V Single Chip WAN Multi-Mode Serial Transceiver
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com