Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A80 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A80 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A80
Download  A80 Download
File Size   1334.01 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier

A80 Datasheet (PDF)

Go To PDF Page Download Datasheet
A80 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A80
Download  A80 Click to download

File Size   1334.01 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier

A80 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A80 Product details

Description
The A80 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays impressive performance over a broadband frequency range. An isolation transformer is used in the feedback loop, with the benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH REVERSE ISOLATION 39 dB (TYP.)
• VERY LOW NOISE 2.3 dB (TYP.)
• HIGH GAIN 29 dB (TYP.)
• MEDIUM LEVEL OUTPUT +14.3 dBm (TYP.)




Similar Part No. - A80

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80 MACOM-A80 Datasheet
356Kb / 2P
Cascadable Amplifier 20 to 500 MHz
logo
List of Unclassifed Man...
A80 ETC2-A80 Datasheet
2Mb / 43P
NEON with SIMD and VFPv4 support
logo
M/A-COM Technology Solu...
A80 MA-COM-A80 Datasheet
635Kb / 3P
Cascadable Amplifier 20 to 500 MHz
logo
Anderson Power Products...
A80 APP-A80 Datasheet
2Mb / 16P
Battery Connector for Industrial Vehicles
logo
Pentair Equipment Prote...
A80 HOFFMANPRODUCTS-A80 Datasheet
697Kb / 6P
Locks, Lockouts, Latches, Ha ndles and Clamps
More results


Similar Description - A80

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com