Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP619 Datasheet (PDF) - Exar Corporation

SP619 Datasheet PDF - Exar Corporation
Part # SP619
Download  SP619 Download
File Size   207.37 Kbytes
Page   7 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Current Power Switch

SP619 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP619 Datasheet PDF - Exar Corporation

Part # SP619
Download  SP619 Click to download

File Size   207.37 Kbytes
Page   7 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Current Power Switch

SP619 Datasheet (HTML) - Exar Corporation


SP619 Product details

High Current Power Switch



DESCRIPTION

The SP619 is a low RDS(ON) high current switch designed with precision current limiting to protect connected devices from damage due to a short circuit condition or against current surges that may cause the supply voltages to fall out of regulation. This switch is functional over an input voltage range of 2.5V to 7V,but is targeted at 5V applications. The SP619 is also protected from thermal overload which limits power dissipation. In shutdown mode, the supply current drops to 2µA.



FEATURES

• Max RDS(ON).377 Ohms

• Overcurrent deactivation 800mA

• Max leakage current less than 2µA while deactivated

• Small 6 pin SOT-23 package

• Built-in Over-temperature Protection

• 4.5V to 5.5V input voltage range



APPLICATIONS

• Ultra low cost handsets

• PDA, DSC, MP3 players

• Cell phones

• Power Distribution Switch

• Battery-Charger Circuit




Similar Part No. - SP619

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP619 SIPEX-SP619 Datasheet
498Kb / 7P
High Current Power Switch
SP619EK-L SIPEX-SP619EK-L Datasheet
498Kb / 7P
High Current Power Switch
SP619EK-L/TR SIPEX-SP619EK-L/TR Datasheet
498Kb / 7P
High Current Power Switch
More results


Similar Description - SP619

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
Smart Highside High Current Power Switch
2003-Oct-01
logo
Sipex Corporation
SP619 SIPEX-SP619 Datasheet
498Kb / 7P
High Current Power Switch
logo
Unisonic Technologies
UPS611 UTC-UPS611 Datasheet
264Kb / 11P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS603 UTC-UPS603 Datasheet
545Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
E-Tech Electronics LTD
UPS602 ETL-UPS602 Datasheet
582Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS604 ETL-UPS604 Datasheet
596Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 ETL-UPS703 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS704 ETL-UPS704 Datasheet
546Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com