Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4A Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

M4A Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # M4A
Download  M4A Download
File Size   921.54 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer

M4A Datasheet (PDF)

Go To PDF Page Download Datasheet
M4A Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # M4A
Download  M4A Click to download

File Size   921.54 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer

M4A Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


M4A Product details

Description

The M4A is a double balanced mixer, designed for use in military, commercial, and test equipment applications. The design utilizes Schottky ring quad diodes and broadband ferrite baluns to attain excellent performance. This mixer can also be used as a phase detector and/or bi-phase modulator since the IF port is DC cou pled to the diodes. Environmental screening is available to MIL STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.



Features

• LO 10 TO 1500 MHz

• RF 10 TO 1500 MHz

• IF DC TO 1000 MHz

• LO DRIVE: +7 dBm (NOMINAL)

• HIGH ISOLATION: 35 dB (TYP.)



 




Similar Part No. - M4A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M4A MACOM-M4A Datasheet
293Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M4A MA-COM-M4A Datasheet
921Kb / 3P
Double-Balanced Mixer
M4A MA-COM-M4A Datasheet
94Kb / 3P
Double-Balanced Mixer
logo
List of Unclassifed Man...
M4A1 ETC1-M4A1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
logo
Lattice Semiconductor
M4A3-128/64-10CAC LATTICE-M4A3-128/64-10CAC Datasheet
1Mb / 62P
High Performance E 2 CMOS In-System Programmable Logic
More results


Similar Description - M4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com