Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6669 Datasheet (PDF) - Exar Corporation

SP6669 Datasheet PDF - Exar Corporation
Part # SP6669
Download  SP6669 Download
File Size   745.9 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER

SP6669 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6669 Datasheet PDF - Exar Corporation

Part # SP6669
Download  SP6669 Click to download

File Size   745.9 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER

SP6669 Datasheet (HTML) - Exar Corporation




Similar Part No. - SP6669

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
SP6669AEK-L EXAR-SP6669AEK-L Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
List of Unclassifed Man...
SP6669AEK-L ETC-SP6669AEK-L Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
TECH PUBLIC Electronics...
SP6669AEK-L-TP TECHPUBLIC-SP6669AEK-L-TP Datasheet
3Mb / 7P
High Efficiency 1.5MHz, 0.8A Synchronous Step Down Regulator
logo
Exar Corporation
SP6669AEK-TRR3 EXAR-SP6669AEK-TRR3 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
More results


Similar Description - SP6669

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Eutech Microelectronics...
EUP3406 EUTECH-EUP3406 Datasheet
730Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
Leshan Radio Company
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
1.5MHz 600mA Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
600mA, 1.5MHz Synchronous Step-Down Converter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com