Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW65-0440 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW65-0440 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW65-0440
Download  SW65-0440 Download
File Size   180.09 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz

SW65-0440 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW65-0440 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW65-0440
Download  SW65-0440 Click to download

File Size   180.09 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz

SW65-0440 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW65-0440 Product details

Description
M/A-COMs SW65-0440 is a GaAs MMIC absorptive SP4T switch with an integral silicon ASIC driver. This device is in a 24-lead plastic package. This switch offers excellent broadband performance and repeatability from DC to 3 GHz, while maintaining low DC power dissipation. The SW65-0440 is ideally suited for wireless infrastructure applications.

Features
• Typical Isolation: 35 dB (2.0 GHz)
• Typical Insertion Loss: 1.2 dB (2.0 GHz)
• Integral ASIC/CMOS Driver
• 50 Ohm Nominal Impedance
• Low DC Power Consumption
• Test Boards Available
• QSOP-24 Package




Similar Part No. - SW65-0440

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0440 MACOM-SW65-0440 Datasheet
304Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
logo
M/A-COM Technology Solu...
SW65-0440 MA-COM-SW65-0440 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW65-0440-TB MACOM-SW65-0440-TB Datasheet
304Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
SW65-0440TR MACOM-SW65-0440TR Datasheet
304Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
More results


Similar Description - SW65-0440

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com