Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-003103-1364 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-003103-1364 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-003103-1364
Download  MASW-003103-1364 Download
File Size   419.28 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMICTM Silicon PIN Diode SP3T Switch 50 MHz - 20 GHz

MASW-003103-1364 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-003103-1364 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-003103-1364
Download  MASW-003103-1364 Click to download

File Size   419.28 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMICTM Silicon PIN Diode SP3T Switch 50 MHz - 20 GHz

MASW-003103-1364 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-003103-1364 Product details

Description
The MASW-003103-1364 is a Surmount™ broadband monolithic SP3T switch using series and shunt connected silicon PIN diodes. This part is designed for use as a moderate signal, high performance switch in applications up to 20 GHz. This Surface Mount chipscale configuration is optimized for broadband performance with minimal associated parasitics usually associated with hybrid MIC designs incorporating beam lead and PIN diodes that require chip and wire assembly.

Features
• Specified from 50 MHz to 20 GHz
• Usable up to 26 GHz
• Low Insertion Loss
• High Isolation
• Low Parasitic Capacitance and Inductance
• RoHS Compliant Surmount™ Package
• Rugged, Fully Monolithic
• Glass Encapsulated Construction
• Up to +38 dBm C.W. Power Handling1 @ +25°C
• Silicon Nitride Passivation
• Polymer Scratch Protection




Similar Part No. - MASW-003103-1364

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-13640G MA-COM-MASW-003103-13640G Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-13640G MA-COM-MASW-003103-13640G Datasheet
1Mb / 9P
Low Parasitic Capacitance and Inductance
MASW-003103-13640P MA-COM-MASW-003103-13640P Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
More results


Similar Description - MASW-003103-1364

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
378Kb / 8P
HMICTM Silicon PIN Diode SPDT Switch 50 MHz - 20 GHz
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
HMICTM Silicon PIN Diode SP4T Switch
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
HMICTM PIN Diode SPDT 50 Watt Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364_V2 MA-COM-MASW-003103-1364_V2 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-004103-1365_V4 MA-COM-MASW-004103-1365_V4 Datasheet
340Kb / 8P
HMICTM Silicon PIN Diode SP4T Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
HMICTM PIN Diode SP2T 20 Watt Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com