Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-004103-13650G Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-004103-13650G Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-004103-13650G
Download  MASW-004103-13650G Download
File Size   418.42 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMICTM Silicon PIN Diode SP4T Switch

MASW-004103-13650G Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-004103-13650G Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-004103-13650G
Download  MASW-004103-13650G Click to download

File Size   418.42 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMICTM Silicon PIN Diode SP4T Switch

MASW-004103-13650G Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-004103-13650G Product details

Description
The MASW-004103-1365 is a SP4T, surmount, broadband, monolithic switch using four sets of series and shunt connected PIN diodes. This device is designed for use in broadband, low to moderate signal, high performance, switch applications up to 20 GHz. It is a surface mountable switch configured for optimized performance and offers a distinct advantage over MMIC, beamlead and chip and wire hybrid designs. Because the PIN diodes of the MASW-004103-1365 are integrated into the chip and kept within close proximity, the parasitics typically associated with other designs that use individual components are kept to a minimum.

Features
• Operates 50 MHz to 20 GHz
• Usable up to 26 GHz
• Low Insertion Loss
• High Isolation
• Low Parasitic Capacitance and Inductance
• RoHS Compliant Surmount Package
• Rugged, Fully Monolithic
• Glass Encapsulated Construction
• Up to +38 dBm C.W. Power Handling @ +25°C
• Silicon Nitride Passivation
• Polymer Scratch Protection
• Solderable




Similar Part No. - MASW-004103-13650G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004103-13650G MA-COM-MASW-004103-13650G Datasheet
1Mb / 8P
Silicon SP4T Surface Mount HMIC PIN Diode Switch
More results


Similar Description - MASW-004103-13650G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364_V2 MA-COM-MASW-003103-1364_V2 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
HMIC SP4T Silicon PIN Diode Switch
MASW-004103-1365_V4 MA-COM-MASW-004103-1365_V4 Datasheet
340Kb / 8P
HMICTM Silicon PIN Diode SP4T Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
507Kb / 7P
HMIC??SP4T Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410 Datasheet
445Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
MA4SW410 MA-COM-MA4SW410_14 Datasheet
810Kb / 6P
HMIC Silicon SP4T PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com