Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-005100-1194 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-005100-1194 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-005100-1194
Download  MASW-005100-1194 Download
File Size   558.86 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switch

MASW-005100-1194 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-005100-1194 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-005100-1194
Download  MASW-005100-1194 Click to download

File Size   558.86 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switch

MASW-005100-1194 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-005100-1194 Product details

Description
The MASW-005100-1194 is a SP5T, series-shunt, broadband, PIN diode switch made with MACOM’s patented HMICTM (Heterolithic Microwave Integrated Circuit) process. This process allows the silicon pedestals which form the series - shunt diodes and vias to be embedded into low loss, low dispersion glass. By incorporating small spacing between circuit elements, the result is an HMIC chip with low insertion loss and high isolation at frequencies up to 26.5 GHz. It is designed to be used as a moderate power, high performance switch and provide superior performance when compared to similar designs that use discrete components.

Features
• Broad Bandwidth
• Specified from 50 MHz to 20.0 GHz
• Usable from 50 MHz to 26.5 GHz
• Lower Insertion Loss / Higher Isolation
• Fully Monolithic, Glass Encapsulated Chip
• Up to +33 dBm CW Power Handling @ +25°C
• RoHS* Compliant




Similar Part No. - MASW-005100-1194

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-005100-1194 MACOM-MASW-005100-1194 Datasheet
845Kb / 7P
Monolithic PIN SP5T Diode Switch
logo
M/A-COM Technology Solu...
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MASW-005100-11940G MA-COM-MASW-005100-11940G Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-11940W MA-COM-MASW-005100-11940W Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
More results


Similar Description - MASW-005100-1194

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW410B-1_V4 MA-COM-MA4SW410B-1_V4 Datasheet
781Kb / 6P
HMIC??Silicon PIN Diode Switch
MASW-004102-12760 MA-COM-MASW-004102-12760 Datasheet
107Kb / 6P
HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102 Datasheet
123Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
HMIC Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
HMIC Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
HMIC Silicon PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com