Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA90-0001 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SA90-0001 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SA90-0001
Download  SA90-0001 Download
File Size   169.42 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Vector Modulator, 1.94 to 2.24 GHz

SA90-0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA90-0001 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SA90-0001
Download  SA90-0001 Click to download

File Size   169.42 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Vector Modulator, 1.94 to 2.24 GHz

SA90-0001 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SA90-0001 Product details

Description
M/A-COMs SA90-0001 is a Vector Modulator that significantly reduces the required board space compared to hybrid solutions. The monolithic passive elements will lead to greater repeatability lot-to-lot. Low amplitude ripple will provide superior performance. High intercept and compression points will contribute to more linear system performance. SA90-0001 is ideally suited for wireless infrastructure applications.

Features
• Operates 1.94 to 2.24 GHz
• Low Amplitude Ripple
• Linear Phase
• 50 Ohm nominal impedance
• Continuously Variable Across a Full 360 degree range
• Test Boards Available
• 4x6 mm PQFN Package




Similar Part No. - SA90-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
161Kb / 7P
PIN diode Vector Modulators - Fundamentals and Drive Requirements
logo
Tyco Electronics
SA90-0001-DC000 MACOM-SA90-0001-DC000 Datasheet
340Kb / 5P
Dual Linear Driver for Vector Modulators
SA90-0001-DC000 MACOM-SA90-0001-DC000 Datasheet
365Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
M/A-COM Technology Solu...
SA90-0001-DC000 MA-COM-SA90-0001-DC000 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
More results


Similar Description - SA90-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
Analog Devices
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com