Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX-2BS Datasheet (PDF) - Silan Microelectronics Joint-stock

TX-2BS Datasheet PDF - Silan Microelectronics Joint-stock
Part # TX-2BS
Download  TX-2BS Download
File Size   843.56 Kbytes
Page   12 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS

TX-2BS Datasheet (PDF)

Go To PDF Page Download Datasheet
TX-2BS Datasheet PDF - Silan Microelectronics Joint-stock

Part # TX-2BS
Download  TX-2BS Click to download

File Size   843.56 Kbytes
Page   12 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS

TX-2BS Datasheet (HTML) - Silan Microelectronics Joint-stock


TX-2BS Product details

DESCRIPTION
The TX-2B/RX-2C is a pair of CMOS LSIs designed for remote controlled car applications. The TX-2B/RX-2C has five control keys for controlling the motions (i.e. forward, backward, rightward, leftward and the turbo function) of the remote controlled car.

FEATURES
* Wide operating voltage range (VCC=1.8V~5.0V when DC-DC is
   not used and VCC=1.0V~5.0V when DC-DC is used)
* Low stand-by current
* In order to be used in the low voltage condition, the DC-DC is
   added in RX-2C; you can decide whether to use DC-DC; the
   voltage to turn on is 1.0V ; and the voltage to work is 0.8V ; and
   the output voltage is 3.0V ;
* Auto-power-off function for TX-2B
* Few external components are needed




Similar Part No. - TX-2BS

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
SYNERGY MICROWAVE CORPO...
TX-2B1 SYNERGY-TX-2B1 Datasheet
63Kb / 5P
TRRANSSFFORRMEERRS
TX-2B2 SYNERGY-TX-2B2 Datasheet
63Kb / 5P
TRRANSSFFORRMEERRS
More results


Similar Description - TX-2BS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-5B SILAN-TX-5B Datasheet
243Kb / 9P
TOY CAR REMOTE CONTROLLER WITH NINE FUNCTIONS
TX-6B SILAN-TX-6B Datasheet
282Kb / 11P
TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Unisonic Technologies
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com