Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0064 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MABACT0064 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MABACT0064
Download  MABACT0064 Download
File Size   104.76 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Transformer, 4:1 Flux coupled balun transformer 1 to 650 MHz

MABACT0064 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0064 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MABACT0064
Download  MABACT0064 Click to download

File Size   104.76 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Transformer, 4:1 Flux coupled balun transformer 1 to 650 MHz

MABACT0064 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MABACT0064 Product details

Description
M/A Com’s MABACT064 is a 4:1 RF flux coupled step up transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.

Features
• Surface mount
• 4:1 Impedance ratio
• Excellent amplitude and phase balance
• Can be used in both 50Ω and 75Ω systems
• RoHS* compliant and lead-free
• Available on tape and reel.




Similar Part No. - MABACT0064

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0064 MACOM-MABACT0064 Datasheet
80Kb / 3P
4:1 Flux Coupled Transformer 1-650MHz
logo
M/A-COM Technology Solu...
MABACT0064 MA-COM-MABACT0064 Datasheet
104Kb / 3P
Transformer, 4:1 Flux coupled balun transformer
logo
Tyco Electronics
MABACT0064TR MACOM-MABACT0064TR Datasheet
80Kb / 3P
4:1 Flux Coupled Transformer 1-650MHz
logo
M/A-COM Technology Solu...
MABACT0064 MA-COM-MABACT0064_15 Datasheet
104Kb / 3P
Transformer, 4:1 Flux coupled balun transformer
More results


Similar Description - MABACT0064

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009298-CT48A0 MA-COM-MABA-009298-CT48A0 Datasheet
132Kb / 3P
Transformer, 4:1 Flux coupled balun transformer 1 to 650 MHz
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
1:1 Flux Coupled Balun Transformer
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer
MABA-009298-CT48A0 MA-COM-MABA-009298-CT48A0 Datasheet
132Kb / 3P
Transformer, 4:1 Flux coupled balun transformer
MABACT0064 MA-COM-MABACT0064 Datasheet
104Kb / 3P
Transformer, 4:1 Flux coupled balun transformer
MABA-009852-CF1A40-V5 MA-COM-MABA-009852-CF1A40-V5 Datasheet
629Kb / 4P
1:1 Flux coupled Balun Transformer
MABACT0064 MA-COM-MABACT0064_15 Datasheet
104Kb / 3P
Transformer, 4:1 Flux coupled balun transformer
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40_15 Datasheet
629Kb / 4P
1:1 Flux coupled Balun Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com