Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2878 Datasheet (PDF) - Toshiba Semiconductor

2SC2878 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2878
Download  2SC2878 Download
File Size   172.42 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (FOR MUTING AND SWITCHING APPLICATIONS)

2SC2878 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2878 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2878
Download  2SC2878 Click to download

File Size   172.42 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (FOR MUTING AND SWITCHING APPLICATIONS)

2SC2878 Datasheet (HTML) - Toshiba Semiconductor


2SC2878 Product details

For Muting and Switching Applications

• High emitter-base voltage: VEBO= 25 V (min)
• High reverse hFE: Reverse hFE= 150 (typ.) (VCE= −2 V, IC= −4 mA)
• Low on resistance: RON= 1 Ω(typ.) (IB= 5 mA)




Similar Part No. - 2SC2878

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2878 TOSHIBA-2SC2878 Datasheet
505Kb / 4P
Silicon NPN Epitaxial Type For Muting and Switching Applications
2SC2878 TOSHIBA-2SC2878 Datasheet
221Kb / 4P
For Muting and Switching Applications
2SC2878 TOSHIBA-2SC2878 Datasheet
221Kb / 4P
For Muting and Switching Applications
2SC2878 TOSHIBA-2SC2878 Datasheet
245Kb / 4P
For Muting and Switching Applications
2SC2878 TOSHIBA-2SC2878 Datasheet
245Kb / 4P
For Muting and Switching Applications
More results


Similar Description - 2SC2878

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2878-A TOSHIBA-2SC2878-A Datasheet
221Kb / 4P
For Muting and Switching Applications
2SC2878-B TOSHIBA-2SC2878-B Datasheet
221Kb / 4P
For Muting and Switching Applications
2SC3327-A TOSHIBA-2SC3327-A Datasheet
210Kb / 4P
FOR MUTING AND SWITCHING APPLICATIONS
HN1C03FUTE85R TOSHIBA-HN1C03FUTE85R Datasheet
317Kb / 5P
For Muting And Switching Applications
2SC2878A TOSHIBA-2SC2878A Datasheet
245Kb / 4P
For Muting and Switching Applications
2SC2878B TOSHIBA-2SC2878B Datasheet
245Kb / 4P
For Muting and Switching Applications
2SC3326A TOSHIBA-2SC3326A Datasheet
228Kb / 5P
For Muting and Switching Applications
2SC3326-B TOSHIBA-2SC3326-B Datasheet
228Kb / 5P
For Muting and Switching Applications
2SC4213A TOSHIBA-2SC4213A Datasheet
281Kb / 5P
For Muting and Switching Applications
2SC4213-B TOSHIBA-2SC4213-B Datasheet
281Kb / 5P
For Muting and Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com