Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2880 Datasheet (PDF) - Toshiba Semiconductor

2SC2880 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2880
Download  2SC2880 Download
File Size   188.4 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)

2SC2880 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2880 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2880
Download  2SC2880 Click to download

File Size   188.4 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)

2SC2880 Datasheet (HTML) - Toshiba Semiconductor


2SC2880 Product details

High Voltage Switching Applications

 High voltage: VCEO= 150 V
 High transition frequency: fT= 120 MHz
 Small flat package
 PC= 1.0 to 2.0 W (mounted on ceramic substrate)
 Complementary to 2SA1200




Similar Part No. - 2SC2880

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2880 KEXIN-2SC2880 Datasheet
465Kb / 3P
High Voltage Switching Applications
2SC2880-HF KEXIN-2SC2880-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2880-O KEXIN-2SC2880-O Datasheet
1Mb / 3P
NPN Transistors
2SC2880-O-HF KEXIN-2SC2880-O-HF Datasheet
1Mb / 3P
NPN Transistors
2SC2880-Y KEXIN-2SC2880-Y Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - 2SC2880

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1200 TOSHIBA-2SA1200 Datasheet
172Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SA1255 TOSHIBA-2SA1255 Datasheet
176Kb / 4P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SA1923 TOSHIBA-2SA1923 Datasheet
166Kb / 4P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SA1924 TOSHIBA-2SA1924 Datasheet
156Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SA1925 TOSHIBA-2SA1925 Datasheet
161Kb / 4P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SA1971 TOSHIBA-2SA1971 Datasheet
156Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SA1972 TOSHIBA-2SA1972 Datasheet
152Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com