Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7106 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC7106 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC7106
Download  SC7106 Download
File Size   594.04 Kbytes
Page   21 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM

SC7106 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC7106 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC7106
Download  SC7106 Click to download

File Size   594.04 Kbytes
Page   21 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM

SC7106 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC7106 Product details

DESCRIPTION
The SC7106 and SC7107 are high performance, low power, 31/2 digit A/D converters. Included are seven segment decoders, display drivers, a reference, and a clock. The SC7106 is designed to interface with a liquid crystal  display  (LCD)  and  includes  a  multiplexed  backplane  drive;  the SC7107 will directly drive an instrument size light  emitting diode (LED) display.

FEATURES
* Guaranteed zero reading for 0V input on all scales
* True polarity at  zero for precise null detection
* Low power dissipation-typically less than  10mW
* True differential input and reference, direct display driveLCD   SC7106, LED SC7107
* Low noise (less than 15mVp-p)
* On chip clock and reference
* 1pA typical input current
* No additional active circuits required




Similar Part No. - SC7106

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC7106 FAIRVIEW-SC7106 Datasheet
627Kb / 3P
SMA Female Bulkhead Connector Pin Terminal Solder Attachment
REV 1.2A
More results


Similar Description - SC7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
3 1/2 Digit, LCD/LED Display, A/D Converters
September 15, 2005
logo
Unisonic Technologies
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
3쩍 Digit, LCD/LED Display, A/D Converters
December 1, 2005
logo
Silan Microelectronics ...
SC7001Q SILAN-SC7001Q Datasheet
1Mb / 16P
3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
LCD/LED Display, A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com