Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7312 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC7312 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC7312
Download  SC7312 Download
File Size   261.53 Kbytes
Page   12 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL

SC7312 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC7312 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC7312
Download  SC7312 Click to download

File Size   261.53 Kbytes
Page   12 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL

SC7312 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC7312 Product details

DESCRIPTION

The    SC7312  is  a  volume,  tone (bass  and  treble),  balance  (left/  right) and  fader(front/rear)  processor for  quality  audio  applications  in  car radio and  Hi-Fi  systems.  Selectable  input  gain  and  external  loudness  function are  provided.  Control  is  accomplished  by  serial  I2C  bus  microprocessor interface.  The  AC  signal  settings  is  obtained  by  resistor  networks  and switches  combined  with  operational  amplifiers.  Due  to  the  Used  CMOS technology, low distortion,  low noise and low DC stepping are obtained.

  

FEATURES

* Input multiplexer:

     --4 stereo inputs

      --Selectable input gain for optimal adaptation to different

         sources

* Four speaker attenuators:

     --4 independent speakers control in 1.25dB steps for

        balance and fader facilities

     --Independent mute function

* All functions programmable via serial I2C Bus

* Loudness function

* Volume control in 1.25dB steps

* Treble and bass control

* Input  and  output  for  external equalizer or noise reduction system



 




Similar Part No. - SC7312

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
SC7313S SILAN-SC7313S Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314D SILAN-SC7314D Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314S SILAN-SC7314S Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
More results


Similar Description - SC7312

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
Stereo-tone/volume control circuit
September 1987
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
Stereo-tone/volume control circuit
May 1992
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Silan Microelectronics ...
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6821 MOSA-MS6821_1 Datasheet
704Kb / 29P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com