Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8562 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC8562 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC8562
Download  SC8562 Download
File Size   670.64 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description DIGITAL ALARM CLOCK WITH LED DRIVER

SC8562 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8562 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC8562
Download  SC8562 Click to download

File Size   670.64 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description DIGITAL ALARM CLOCK WITH LED DRIVER

SC8562 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC8562 Product details

DESCRIPTION

The SC8562 is alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.SC8562 has features such as easy setting, two alarms and can be used at a wide operating voltage range.



FEATURES

* Duplex LED display (SC8560-use LED panel usable)

* Two alarms on chip (600Hz, 1200Hz)

* Up, down /fast, slow time setting available (easy setting)

* 12/24-hour mode, 50/60 Hz selectable (provided that it is impossible to select the combination of 24-hour mode and 60 Hz)

* On–chip CR oscillator for backup use at the time of power failure

* Power failure indicator

* 59-minute alarm/sleep timer

* 6-minute snooze function

* Radio output function

* P-channel ED MOS

* Pin 28 dual-in-line shrink package

* Wide operating voltage/operating temperature range VDD=-14 to -8V/ -20 to +70°C



APPLICATIONS

* Alarm clocks

* Clock-radios




Similar Part No. - SC8562

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8560 SILAN-SC8560 Datasheet
108Kb / 10P
The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
SC8560S SILAN-SC8560S Datasheet
108Kb / 10P
The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
More results


Similar Description - SC8562

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5316 NSC-MM5316 Datasheet
224Kb / 5P
Digital Alarm Clock
logo
NTE Electronics
NTE2062 NTE-NTE2062 Datasheet
35Kb / 5P
Integrated Circuit PMOS Digital Alarm Clock
logo
Sanyo Semicon Device
LC85632 SANYO-LC85632 Datasheet
743Kb / 32P
Digital Alarm Clock
LM8560N SANYO-LM8560N Datasheet
191Kb / 7P
Digital Alarm Clock
LM8562 SANYO-LM8562 Datasheet
83Kb / 7P
Digital Alarm Clock
LM8363 SANYO-LM8363 Datasheet
423Kb / 9P
Dual - Alarm Digital Clock
LM8460 SANYO-LM8460 Datasheet
112Kb / 1P
ALARM CLOCK (CLOCK RADIO.ETC)
logo
Fuji Electric
EDS10-72B FUJI-EDS10-72B Datasheet
99Kb / 4P
ALARM SETTER WITH DIGITAL DISPLAY
logo
Princeton Technology Co...
PT16598 PTC-PT16598 Datasheet
300Kb / 5P
Automotive Digital Clock IC With LCD Driver
logo
Fairchild Semiconductor
3817A FAIRCHILD-3817A Datasheet
272Kb / 4P
DIGITAL CLOCK RADIO OR DIGITAL ALARM CLOCK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com