Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9351 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC9351 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC9351
Download  SC9351 Download
File Size   1110.2 Kbytes
Page   19 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description AUDIO SYSTEM CONTROL MCU

SC9351 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9351 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC9351
Download  SC9351 Click to download

File Size   1110.2 Kbytes
Page   19 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description AUDIO SYSTEM CONTROL MCU

SC9351 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC9351 Product details

DESCRIPTION

SC9351 is an 8051-based MCU with built-in 64KByte FLASH, 8KByte RAM and abundant on-chip periphery modules including I2C, UART, SPI, ADC and RTC, etc.



FEATURES

* In system programming(ISP)

* 2.7-3.6V supply voltage for chip core, together with internal or external LDO.

* 8051 architecture compatible with MCS51 instructions 2~4 clock cycles for per instruction

  Dual data pointer to improve the data processing efficiency

* Built-in 64Kx8 FLASH programmed by on-chip program or programmer for program memory or data memory

* Data memory IDATA : 256Byte(compatible with 8051) + 64Byte(save data when power down)

                     XDATA: 8Kbyte external data memory, low 4K of which can be program memory for Flash programming

* Integrate RTC providing calendar, clock, auto leap-year adjustment, timing alarm clock and clock adjustment.

  Built-in 8-bit timer for max. 256 seconds long time timing.

* Maximum 40 general IO pins

* Four 8-bit timers T0/T1/T2/T3, where T0/T1 is the same as that of 8051; T2 supports PWM function

* Extended interrupt module with four external interrupts

* Two UART interfaces.

* One SPI interface.

* 3-channel 8-bit AD converter.

* One I2C interface

* Various operating modes with low power dissipation



APPLICATIONS

* Desktop audio, car audio



 




Similar Part No. - SC9351

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9351 FAIRVIEW-SC9351 Datasheet
29Kb / 1P
REV FAIRVIEW MICROWAVE INC. N-F PANEL CLAMP RG58, RG142 .125" ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
More results


Similar Description - SC9351

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7537N SANYO-LC7537N Datasheet
284Kb / 11P
Electronic Volume Control System for Audio Equipment
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
Electronic Volume Control System for Car Audio ?
logo
Holtek Semiconductor In...
HT82A821R HOLTEK-HT82A821R_07 Datasheet
283Kb / 39P
USB Audio MCU
June 29, 2007
HT82A822R HOLTEK-HT82A822R_07 Datasheet
297Kb / 39P
USB Audio MCU
June 29, 2007
HT82A850R HOLTEK-HT82A850R Datasheet
305Kb / 41P
Audio MCU
July 25, 2007
HT82A832R HOLTEK-HT82A832R_07 Datasheet
377Kb / 51P
USB Audio MCU
June 15, 2007
logo
Silan Microelectronics ...
SC63C0316 SILAN-SC63C0316 Datasheet
288Kb / 24P
AUDIO CONTROL SYSTEM WITH BUILTIN
SC9308 SILAN-SC9308 Datasheet
1Mb / 16P
AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
logo
Holtek Semiconductor In...
HT82A824R HOLTEK-HT82A824R Datasheet
1Mb / 121P
USB Audio MCU
April 14, 2011
HT82A834R HOLTEK-HT82A834R Datasheet
362Kb / 49P
USB Audio MCU
August 27, 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com